PART |
Description |
Maker |
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-500000000-03-331-00-000 M80-500000000-03-318-0 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 3 x 3.5mm PC Tail Power contacts 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
90325-9016 90325-9014 90325-9010 90325-7012 90325- |
Header; Number of Contacts:16; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:14; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12PS 1.27MM GOLD T/H 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm PF Hdr LoPro Polz Blk .76Au 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 6POS 1.27MM GOLD T/H 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
90130-1138 90130-1238 90130-1112 90130-1124 90130- |
C-Grid Shrd Hdr DR Vt Sn-A 38/38 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR Vt Au-E 38/38 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:12; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:18; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS .100 STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
39355-0019 39355-0018 39355-0016 39353-0008 39353- |
Header; Number of Contacts:19; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SR HDR 3 5CE 8 ASY ST 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,4 Contacts,PIN,GUIDE SLOT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3.5MM 11POS VERT PCB CONN HEADER 3.5MM 5POS VERT PCB
|
Molex, Inc. MOLEX INC
|
87089-0616 |
Header; No. of Contacts:6; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
90136-2115 90136-2110 90136-2210 90136-2207 90136- |
C-Grid Shrd Hdr SR RA Tn-A 15Ckt 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR RA Au-F 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR RA Au-F 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
|